Part Number Hot Search : 
MAX92 SC4524 IR3C01 GRF300 TDA729 DB201 6039122 002228
Product Description
Full Text Search
 

To Download LSK389-C-71 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LSK389
Linear Integrated Systems
FEATURES ULTRA LOW NOISE TIGHT MATCHING HIGH BREAKDOWN VOLTAGE HIGH GAIN LOW CAPACITANCE ABSOLUTE MAXIMUM RATINGS1 @ 25 C (unless otherwise stated) Maximum Temperatures Storage Temperature Operating Junction Temperature Maximum Power Dissipation Continuous Power Dissipation @ +125 C Maximum Currents Gate Forward Current Maximum Voltages Gate to Source Gate to Drain -65 to +150 C -55 to +135 C 400mW IG(F) = 10mA VGSS = 40V VGDS = 40V
ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET
en = 0.9nV/Hz (typ) |VGS1-2| = 20mV max BVGSS = 40V max Yfs = 20mS (typ) 25pF typ
TO-71 BOTTOM VIEW
SOIC-A S1
1 2 3 4 8 7 6 5
IMPROVED SECOND SOURCE REPLACEMENT FOR 2SK389
G1 D1 S1
2 1 7 3 5 6
G2 SS D2 S2
S2 D2 G2
D1 SS G1
*For equivalent single version, see LSK170 family.
MATCHING CHARACTERISTICS @ 25 C (unless otherwise stated) SYMBOL
VGS1 - VGS2
IDSS1 IDSS2
CHARACTERISTIC Differential Gate to Source Cutoff Voltage
MIN
TYP
MAX
UNIT
CONDITIONS
20 0.9
mV -
VDS = 10V, ID = 1mA VDS = 10V, VGS = 0V
Gate to Source Saturation Current Ratio
ELECTRICAL CHARACTERISTICS @ 25 C (unless otherwise stated) SYMBOL CHARACTERISTIC MIN TYP MAX UNITS CONDITIONS
BVGSS VGS(OFF) IDSS IGSS
Gate to Source Breakdown Voltage Gate to Source Pinch-off Voltage Drain to Source Saturation Current LSK389A LSK389B LSK389C
40 0.15 2.6 6 10 2 6.5 12 20 200
V V mA pA
VDS = 0, ID = 100A VDS = 10V, ID = 0.1A VDS = 10V, VGS = 0 VGS = -30V, VDS = 0
Gate to Source Leakage Current
Linear Integrated Systems
* 4042 Clipper Court * Fremont, CA 94538 * Tel: 510 490-9160 * Fax: 510 353-0261
ELECTRICAL CHARACTERISTICS CONT. @ 25 C (unless otherwise stated) SYMBOL CHARACTERISTIC MIN TYP MAX UNITS CONDITIONS VDS = 10V, VGS = 0, IDSS = 3mA, f = 1kHz VDS = 10V, ID = 2mA, f = 1kHz, NBW = 1Hz VDS = 10V, ID = 2mA, f = 10Hz, NBW = 1Hz VDS = 10V, VGS = 0, f = 1MHz, VDG = 10V, ID = 0, f = 1MHz,
Yfs en en CISS CRSS
Full Conduction Transconductance Noise Voltage Noise Voltage Common Source Input Capacitance Common Source Reverse Transfer Cap.
8
20 0.9 2.5 25 5.5 1.9 4
mS nV/Hz nV/Hz pF pF
ORDERING INFORMATION
LSK389 - A -
SOIC-8
IDSS Range A 2.6 - 6.5 mA B 6 - 12 mA C 10 - 20 mA
Package 71 SOIC-8 TO-71 6L SOIC-A 8L
PACKAGE DIMENSIONS
TO-71
Six Lead
0.195 DIA. 0.175 0.030 MAX. 0.230 DIA. 0.209 0.150 0.115
0.014 0.018 1 2 0.021 3 4 0.150 0.157
SOIC
8 7 6 5 0.050 0.189 0.196
6 LEADS
0.019 DIA. 0.016 0.100
0.500 MIN.
0.0040 0.0098 0.2284 0.2440 DIMENSIONS IN INCHES
0.0075 0.0098
0.050
23 1 5 6 7
45 0.046 0.036
0.048 0.028
1.
Absolute maximum ratings are limiting values above which serviceability may be impaired.
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems. Revised 07 December 2005.
Linear Integrated Systems
* 4042 Clipper Court * Fremont, CA 94538 * Tel: 510 490-9160 * Fax: 510 353-0261


▲Up To Search▲   

 
Price & Availability of LSK389-C-71

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X